Part Number Hot Search : 
B1505 01524 TAN150 05S12 2SD20 C5750 2SK97 PJ324
Product Description
Full Text Search
 

To Download RN-2407S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RN Series, 1.25 Watt, DIP8 (Single Output) Features

1kVDC Isolation No Heatsink Required No Extern. Components Required

Custom Solutions Available UL94V-0 Package Material Efficiency to 80%
Selection Guide
Part Number DIP8 Input Voltage (VDC) 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 3.3, 5, 9, 12, 15, 24 Output Voltage (VDC) 3.3 5 7 9 12 15 24 Output Current (mA) 378 250 180 140 104 84 52 Efficiency (%) 70 70 72 78 79 80 80
2KV
RN-XX3.3S (H) RN-XX05S RN-XX07S RN-XX09S RN-XX12S RN-XX15S RN-XX24S (H) (H) (H) (H) (H) (H)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight 3.3V output types 5V output type 9V, 12V, 15V, 24V output types 10% Capacitor Type 5%
2.50
1,2%/1% V Input 20% max. 15% max. 10% max. 75mVp-p max. 70% min. 1.000VDC min. (also available with 2.000VDC, Suffix H") 10 G min. 30pF min./95pF max. 1 Second 100kHz typ. -40C to +85C (see Graph) -55C to +125C 1.8g
1.75 Output Power (Watts) 1.25 Safe Operating Area 0.75 0 -40 0 50 100 125 150 85 Operating Temperature C
www.recom-international.com
August 2002
EC 45
ECONOLINE - DC/DC-Converter
RN Series, 1.25 Watt, DIP8 (Single Output) Package Style and Pinning (mm)
8 PIN DIP Package
12.60
RN-0505S RECOM ****
3rd angle projection
10.10
7.62 3.25 2.54 o 0.51 typ.
7.62
1 1 4 7 5 7 5 4
Pin Connections Pin # Single -Vin +Vin +Vout -Vout
7.62
o 0.51 typ.
Bottom View
1 4 5 7
5.08
Recommended Footprint Details
2.54
2.54
1.00o+0.15/-0
XX.X 0.5 mm XX.XX 0.25 mm
EC 46
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RN-2407S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X